Part Number Hot Search : 
2C0000 S101N11 LB11867 MAX1325 200D05 X24F016V 25CQ6 23Z108SM
Product Description
Full Text Search
 

To Download PDI-2032-2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  a 6 date rev revisions change b chng chck 5 4 c d 6 54 dimensions are in millimeters all dimensions for reference only phone: 973 560-0019 whippany, new jersey fax: 973 560-0076 3 drawn check appr by by by date: date: date: 2 nts scale: size: part #: a part: a 1 rev: b 3 2 c d 1 tolerance unless otherwise specified x 1 x.x 0.4 x.xx 0.20 appr 1 of 1 sheet coin cell battery holder pdi-2032-x b gq 03/20/02 td 05/08/02 pb 05/08/02 6.2 20.5 6.5 16.5 3.30.5 ?20.4 ?22.8 6.5 2x 0.58 2x 0.70 material and finish: insulator: nylon, color black, ul 94v-0 rated positive contact: see table 1 negative contact: brass, nickel plated electrical specifications voltage & current rating: 3 vdc, 120 ma inter contact resistance: 100 mohm max. at both the positive and negative terminals when measured between the terminals of the pdi-2032 at 1 khz wi th low drainage (100ma max.) insulation resistance: 100 mohm min. with 500 vdc applied between the positive and negative terminals. dielectric withstanding voltage: 500 vdc applied for one minute between the positive and negative terminals. mechanical specifications battery insertion force: 0.3kg-1.0kg for the initial battery insertion spring pressure: 50g min. initial contact force at positive and negative terminals terminal strength: electric al and mechanical performance specifications should still be sati sfied whithout terminal cracking or excessive play, with a static load of 1kg applied to the terminals in any direction; however, the terminals may bend. part number positive contact material pdi-2032-0 beryllium copper pdi-2032-1 phosphor bronze PDI-2032-2 beryllium copper table 1 only for pdi-2032-1 and PDI-2032-2 only for pdi-2032-0 3x ?1.5 stand offs recommended pcb layout top view ge union panasonic part number sanyo carbide saft duracell varta (eveready) rayovac br 2032 cr 2032 pdi-2032-1 cr 2025 cr 2025 cr 2025 dl 2025 br 2016 PDI-2032-2 cr 2016 cr 2016 br 2020 lm 2020 dl 2016 cr 2016 cr 2032 cr 2032 dl 2032 pdi-2032-0 pdi nominal memory saft keystone s.e.i. part battery protection number size devices(mpd) (2032) 20.0 x 3.2 2s2032-0 pdi-2032-0 n/a 106 bh 906 (1) plating nickel nickel nickel 6.5 20.5 2x ?1.020.10 4 removal slots negative contact positive contact table 3: battery holder selection guide table 2: cross reference chart notes: (1) 2032 size battery fits loosely into mpd socket p/n bh906 with 3mm (.118") diametrical clearance. 27.3 a 7/10/03 add 27.3 dim td pb 7.4 b 10/26/09 add 7.4 dim. pb


▲Up To Search▲   

 
Price & Availability of PDI-2032-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X